Part Number Hot Search : 
TD3052 RTL8208 20NB50 A1315 1N4001 PVM2WBW 20M10 78LR05D
Product Description
Full Text Search
 

To Download MTD112010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
OFF 4 ON Constant Current Control Function (Fixed OFF Time) 4-Phase Input (Simultaneous ON Prevention Function) Built-in Flywheel Diodes
Absolute Maximum Ratings
Ta=25 Parameter Logic Supply Voltage Logic Input Voltage Output Voltage Output Current Power Dissipation Storage Temperature Junction Temperature Symbol VCC VIN/ENA VCEO IC PD Tstg Tj -40
SUS
Ta=25
unless otherwise specified Unit V V V A W
Rating 0 0 7 VCC 80 1.2 5 150 150
Electrical Characteristics
Ta=25 Parameter Output Saturation Voltage Output Leakage Current Vcc Logic Supply Current IN H IN H Input Voltage IN L IN L Input Voltage IN H IN H Input Current IN L IN L Input Current Vref Vref Input Current VS VS Input Current VS VS Maximum Voltage Symbol VCE (sat) ICER ICC VINH VINL IINH IINL Iref IS VS (max) VIN=5V VIN=0V Vref=0V VS=0V IC=0.9A VCER=80V Condition ,VCC=5V min. 2.3 GND Ta=25 ,VCC=5V unless otherwise specified typ. 1.1 30 -10 -1 -1 max. 1.4 10 70 VCC 1.0 10 -50 -50 -50 1 V A mA V V A A A A V Unit
U170-1
www.shindengen.co.jp/product/semi/
Typical Application
3/4
Pin Assignment
MARKING SIDE VIEW MTD1120
OUT A
OUT A
OUT B
OUT B
Cf
Rf
Rf
Cf
Pin 27 Pin 26 Pin 25 Pin 24 Pin 23 Pin 22 Pin 21 Pin 20 Pin 19 Pin 18 Pin 17 Pin 16 Pin 15 Pin 14 Pin 13 Pin 12 Pin 11 Pin 10 Pin 9 Pin 8 Pin 7 Pin 6 Pin 5 Pin 4 Pin 3 Pin 2 Pin 1
LG NC CR B Vref B Vs B IN B IN B PG B NC OUT B NC OUT B Rs B COM Rs A OUT A NC OUT A NC PG A IN A IN A Vs A Vref A CR A NC Vcc
Package ZIP27
Truth Table
IN A or B L L H H IN A or B L H L H OUT A or B OFF OFF ON OFF OUT A or B OFF ON OFF OFF Symbol Rs Rf Cf Rt Ct Vz R1+R2
Recommended External Components Value
Recommendation 0.68 1 3300 8.2 3300 Vmm 1.2 10 1.5 k pF k pF V k Unit
Setting of Output Current and One Shot Off Time
Output Current Setting lchop Vref A Rs One Shot Off Time Setting toff = 0.69 x Ct x Rt Constant current waveform Motor current
Ichop
Recommended Operating Conditions
Ta=25 Parameter Junction Temperature Logic Supply Voltage Load Supply Voltage Chopping Frequency Symbol Tj VCC Vmm fchop Ta=25 unless otherwise specified Unit Recommendation -25 4.75 120 5.25 27.5 27 V V kHz
www.shindengen.co.jp/product/semi/
U170-1


▲Up To Search▲   

 
Price & Availability of MTD112010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X